Part Number Hot Search : 
C1510 N3F20CA2 1N5453A XFMRS 2SC4684 CH5001A ST72F 599PR2C
Product Description
Full Text Search
 

To Download NRE-SN100M10V4X7F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change non-polar aluminum electrolytic capacitors low profile, sub-miniature, radial leads, non-polar aluminum electrolytic features ? bi-polar ? 7mm height / low profile nre-sn series characteristics standard products and case size table d x l (mm) lead spacing and diameter (mm) cap. ( f) code working voltage (vdc) 6.3 10 16 25 35 50 1.01r0-----4x7 2.22r2----4x75x7 3.3 3r3 - - - 4x7 5x7 5x7 4.7 4r7 - - - 4x7 5x7 6.3x7 10 100 - 4x7 4x7 5x7 6.3x7 - 22 220 5x7 5x7 6.3x7 6.3x7 - - 33 330 5x7 6.3x7 6.3x7 - - - 47 470 6.3x7 6.3x7 6.3x7 - - - precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com case dia. (d ) 4 5 6.3 lead dia. (d ) 0.45 0.45 0.45 lead space (f) 1.5 2.0 2.5 rated voltage range 6.3 ~ 50vdc capacitance range 1.0 ~ 47 f operating temperature range -40 ~ +85c capacitance tolerance 20%(m) max. leakage current after 1 minutes at +20c 0.05cv or 10 a whichever is greater surge voltage & max. tan @ 120hz/+20c w.v. (vdc) 6.3 10 16 25 35 50 s.v. (vdc) 8 13 20 32 44 63 tan 0.24 0.20 0.16 0.16 0.14 0.12 low temperature stability (impedance ratio @ 120hz) z-25c/z+20c 432222 z-40c/z+20c 864433 load life test at rated w.v. +85c 1,000 hours (polarity shall be reversed every 250 hours capacitance change within 25% of initial measured value tan less than 200% of speci ed maximum value leakage current less than speci ed maximum value *see part number system for details pnbs fdil rohs compliant includes all homogeneous materials nre-sn 3r3 m 50v 5x7 tb f .............. rohs compliant tb = tape & box* case size (d x l) working voltage (vdc) tolerance code (m=20%) capacitance code: first 2 characters signi cant, third character is multiplier series part number system *see taping speci cations for details drawing is representative of parts as supplied in bulk or straight lead format, please see taping speci cation for details on taped format packaging. dimensions (mm) d 0.05 sleeve f 0.5 d 4mm min. 15mm min. l + max.
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change part number cap. ( f) w.v. (vdc)) dissipation factor +20c/120hz ripple current rating (ma) +85c/120hz max. esr ( ) +20c/120hz load life hours @ +85c nre-sn330m6.3v5x7f 33 6.3 0.24 42 12.1 1,000 nre-sn470m6.3v6.3x7f 47 0.24 55 8.47 1,000 NRE-SN100M10V4X7F 10 10 0.20 24 33.2 1,000 nre-sn220m10v5x7f 22 0.20 40 15.1 1,000 nre-sn330m10v6.3x7f 33 0.20 56 10.1 1,000 nre-sn470m10v6.3x7f 47 0.20 67 7.06 1,000 nre-sn100m16v4x7f 10 16 0.16 30 26.6 1,000 nre-sn220m16v6.3x7f 22 0.16 51 9.09 1,000 nre-sn330m16v6.3x7f 33 0.16 63 8.05 1,000 nre-sn470m16v6.3x7f 47 0.16 68 5.65 1,000 nre-sn3r3m25v4x7f 3.3 25 0.16 18 80.4 1,000 nre-sn4r7m25v4x7f 4.7 0.16 20 56.5 1,000 nre-sn100m25v5x7f 10 0.16 35 26.6 1,000 nre-sn220m25v6.3x7f 22 0.16 53 9.09 1,000 nre-sn2r2m35v4x7f 2.2 35 0.14 10 105.6 1,000 nre-sn3r3m35v5x7f 3.3 0.14 16 70.4 1,000 nre-sn4r7m35v5x7f 4.7 0.14 22 49.4 1,000 nre-sn100m35v6.3x7f 10 0.14 37 23.2 1,000 nre-sn1r0m50v4x7f 1.0 50 0.12 10 199 1,000 nre-sn2r2m50v5x7f 2.2 0.12 14 90.5 1,000 nre-sn3r3m50v5x7f 3.3 0.12 20 60.4 1,000 nre-sn4r7m50v6.3x7f 4.7 0.12 27 42.4 1,000 non-polar aluminum electrolytic capacitors nre-sn series standard product, specifications and case sizes d x l (mm)


▲Up To Search▲   

 
Price & Availability of NRE-SN100M10V4X7F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X